PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
IDT6168LA15PI IDT6168LA IDT6168SA 6168LA_DS_9916 I |
5.0V, 4k X 4, CMOS, Asynchronous, Static RAM From old datasheet system CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDIP20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDSO20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 25 ns, CQCC20
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
KM6161000B |
64K x16 Bit Low Power CMOS Static RAM(64K x16浣?????CMOS ???RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
HM-6564202 HM4-65642B_883 HM1-65642_883 HM1-65642B |
RAM, Asynchronous CMOS, 8Kx8, Access Time 150ns, 75-250A 8K x 8 Asynchronous CMOS Static RAM
|
INTERSIL[Intersil Corporation]
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
KM48V2100C |
2M x 8Bit CMOS Dynamic RAM with Fast Page Mode(2M x 8浣?MOS ?ㄦ?RAM(甯?揩??〉妯″?))
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
E0C624A |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 CMOS 4-Bit Core CPU,ROM, RAM,Dot Matrix LCD Driver,Programmable SVD Circuit,Clock Synchronous Serial Port(4位高级的、单片微计算机(含EOC6200 4位CMOS中央处理器核芯,RAM,ROM,点阵LCD驱动器,可编程SVD电路,时钟同步串口))
|
爱普生(中国)有限公
|
IC62C256 IC62C256-45T IC62C256-45TI IC62C256-45U I |
70ns; 5V; 32K x 8 low power CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM 45ns; 5V; 32K x 8 low power CMOS static RAM
|
Integrated Circuit Solution... ICSI[Integrated Circuit Solution Inc]
|
UPD431000AGU-70LL-9JH UPD431000AGU-70LL-9KH UPD431 |
1M-bit (128K-word by 8-bit) CMOS static RAM, 70ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 100ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 120ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 150ns
|
NEC
|
GLT7256L08-10J3 GLT7256L08-10TS GLT7256L08-12J3 GL |
10ns; Ultra high performance 3.3V 32K x 8 CMOS static RAM 12ns; Ultra high performance 3.3V 32K x 8 CMOS static RAM 15ns; Ultra high performance 3.3V 32K x 8 CMOS static RAM 8ns; Ultra high performance 3.3V 32K x 8 CMOS static RAM
|
G-LINK Technology
|
CXK5B81020J CXK5B81020J-12 CXK5B81020TM CXK5B81020 |
131072-word ′ 8-bit High Speed Bi-CMOS Static RAM 131072-word ? 8-bit High Speed Bi-CMOS Static RAM 131072-word 8-bit High Speed Bi-CMOS Static RAM 131072-word 8-bit High Speed Bi-CMOS Static RAM 131072字?8位高速双CMOS静态RAM 128 x 64 pixel format, LED Backlight available 131072字?8位高速双CMOS静态RAM
|
SONY[Sony Corporation] Sony, Corp.
|